PART |
Description |
Maker |
REF01CJ REF01CS REF01AJ REF01AZ REF01HJ REF01HP RE |
10V Precision Viltage Reference 10V Precision Voltage Reference DL CENTER MTG POL POST 4 POST 10V Precision Viltage Reference 10V的精密Viltage参 10V Precision Viltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, MBCY8 10 V Precision Voltage Reference
|
AD[Analog Devices] Analog Devices, Inc.
|
5962-8764807QYA 5962-8764806QYA 5962-8764809QYA 59 |
x8 EPROM High-Precision, 10V Reference Pin-Programmable Precision Voltage Reference High-Precision 2.5V Voltage Reference x8存储
|
Littelfuse, Inc.
|
REF01AJ_883C |
10V Precision Voltage Reference
|
Analog Devices
|
TC7660 TC7660MOA TC7660MOA713 |
Charge Pump DC-to-DC Voltage Converter The TC7660 is a pin-compatible replacement for the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 10V input to a corresponding – 1.5V to -10V output using only two low-cost capacitors,eliminating indu
|
http:// Microchip
|
TC56 TC562502ECT TC563002ECT TC563302ECT |
The TC56 is a low supply current (11 µA typ at VOUT =3V), low dropout CMOS linear regulator, with a 10V maximum input voltage range. CMOS construction eliminates wasted ground current typical of bipolar regulators for greater system e 150mA, 10V LDO with Shutdown
|
MICROCHIP[Microchip Technology]
|
REF02CP REF02CZ REF02DJ REF02AJ REF02Z REF02 REF-0 |
5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, MBCY8 5V Precision Voltage Reference/Temperature Trangsducer THREE TERM VOLTAGE REFERENCE, CDIP8 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, CDIP8 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 5V Precision Voltage Reference/Temperature Trangsducer 5V的高精度电压基准/温度Trangsducer 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 5V Precision Voltage Reference/Temperature Trangsducer
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
LT1630 |
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
|
Linear Technology Corporation
|
LT1630 16301I |
30MHz, 10V/ms, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps From old datasheet system
|
Linear
|
ADR520 ADR520ART-R2 ADR520ART-REEL7 ADR520BKS-R2 A |
High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component
|
Analog Devices, Inc. AD[Analog Devices]
|
REF191 REF198FS REF19XGRU REF192FS REF192ES REF19X |
Precision Micropower/ Low Dropout/ Voltage References Precision Micropower, Low Dropout, Voltage References 精密微功耗,低压差,电压基准 Precision Micropower, Low Dropout, Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|